1 technical data sheet 75 ohm f male to pal jack adapter confguration connector 1 f male impedance 1 75 ohms connector 2 p al jack impedance 2 75 ohms adapter design standard body style straight mechanical specifcations size length, in [mm] 1.235 [31.37] width/dia., in [mm] 0.438 [1 1.13] . connector 1 type f male inner conductor material and plating brass, gold inner conductor plating specifcation 3 in. minimum coupling nut material and plating brass, nickel coupling nut plating specifcation 100 in. minimum hex size, in. 7/16 torque, in-lbs [nm] 15 [1.7] body material and plating brass, nickel body plating specifcation 100 in. minimum dielectric type t efon connector 2 type p al jack inner conductor material and plating brass, gold inner conductor plating specifcation 3 in. minimum body material and plating brass, nickel body plating specifcation 100 in. minimum dielectric type t efon compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es plotted and other data notes: v alues at 25 c, sea level url: http://www.pasternack.com/f-male-pal-jack-straight-adapter-PE9632-p.aspx 75 ohm f male to pal jack adapter from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the 75 ohm f male to pal jack adapter PE9632 PE9632 rev
2 ? 2012 pasternack enterprises all rights reserved PE9632 rev 75 ohm f male to pal jack adapter PE9632 cad drawing
|